Part Number Hot Search : 
A1103 MC2307 SMV1440L IRF7350 SNC21060 27C21 A1743 R2100
Product Description
Full Text Search
 

To Download 74HC138S16-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74hc138 document number: ds35488 rev.3 - 2 1 of 10 www.diodes.com june 2013 ? diodes incorporated 74hc138 3 to 8 line decoder demultiplexer description the 74hc138 is a high speed cmos device. the device accepts a three bit binary weighted address on input pins a0, a1 and a2 and when enabled will produce one active low output with the remaing seven being high. there are two active low enable inputs e 1 and e 2, and one active high enable input e3. the disabled device state results in all outputs being high. the enable state occurs with e 1 and e 2 asserted low and e3 asserted high. the multiple enable lines allow for the parallel expansion of decoders to create 4-to-16 line versions wi th no additional parts and 5-to-32 versions with the addition of a single inverter. features ? wide supply voltage range from 2.0v to 6.0v ? sinks or sources 8 ma at v cc = 4.5v ? cmos low power consumption ? schmitt trigger action at all inputs ? inputs accept up to 6.0v ? esd protection tested per jesd 22 ? exceeds 200-v machine model (a115-a) ? exceeds 2000-v human body model (a114-a) ? exceeds 1000-v charged device model (c101c) ? latch-up exceeds 100ma per jesd 78d, class ii ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) pin assignments applications ? memory chip select decoding ? demultiplexing ? single line peripheral control ? allow simple serial bit streams fr om a microcontroller to control as many peripheral lines as needed notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. click here for ordering information, located at the end of datasheet
74hc138 document number: ds35488 rev.3 - 2 2 of 10 www.diodes.com june 2013 ? diodes incorporated 74hc138 pin descriptions pin number pin name description 1 a0 address input 0 2 a1 address input 1 3 a2 address input 2 4 e 1 enable input 1 (active low) 5 e 2 enable input 2 (active low) 6 e3 enable input 3 (active high) 7 y7 output 7 (active low) 8 gnd ground 9 y6 output 6 (active low) 10 y5 output 5 (active low) 11 y4 output 4 (active low) 12 y3 output 3 (active low) 13 y2 output 2 (active low) 14 y1 output 1 (active low) 15 y0 output o (active low) 16 vcc supply voltage function table diagram control input output e 1 e 2 e3 a2 a1 a0 y 7 y 6 y 5 y 4 y 3 y 2 y 1 y 0 h x x x x x h h h h h h h h x h x ? ? ? ? ? ? ? ? ? ? ? x x l ? ? ? ? ? ? ? ? ? ? ? l l h ? ? ? ? ? ? ? ? ? ? ? ? ? ? l l l h h h h h h h l ? ? ? l l h h h h h h h l h ? ? ? l h l h h h h h l h h ? ? ? l h h h h h h l h h h ? ? ? h l l h h h l h h h h ? ? ? h l h h h l h h h h h ? ? ? h h l h l h h h h h h ? ? ? h h h l h h h h h h h
74hc138 document number: ds35488 rev.3 - 2 3 of 10 www.diodes.com june 2013 ? diodes incorporated 74hc138 logic diagram
74hc138 document number: ds35488 rev.3 - 2 4 of 10 www.diodes.com june 2013 ? diodes incorporated 74hc138 absolute maximum ratings (note 4) (@t a = +25c, unless otherwise specified.) symbol description rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to +7.0 v v i input voltage range -0.5 to +7.0 v v o voltage applied to output in high or low state -0.3 to v cc +0.5 v i ik input clamp current v i < -0.5v -20 ma i ik input clamp current vi > v cc +0.5v 20 ma i ok output clamp current v o <-0.5v -20 ma i ok output clamp current v o > v cc + 0.5v 20 ma i o continuous output current 25 ma i cc continuous current through v cc 50 ma i gnd continuous current through gnd -50 ma t j operating junction temperature -40 to +150 c t stg storage temperature -65 to +150 c p tot total power dissipation 500 mw note: 4. stresses beyond the absolute maximum may result in immediate failure or reduced re liability. these are stress valu es and device operation should be within recommend values. recommended operating conditions (note 5) (@t a = +25c, unless otherwise specified.) symbol parameter conditions min max unit v cc supply voltage ? 2.0 6.0 v v i input voltage ? 0 v cc v v o output voltage active mode 0 v cc v ? t/? v input transition rise or fall rate v cc = 2.0v ? 1000 ns/v v cc = 4.5v ? 500 v cc = 6.0v ? 400 ? t a operating free-air temperature ? -40 +125 c note: 5. unused inputs should be held at v cc or ground.
74hc138 document number: ds35488 rev.3 - 2 5 of 10 www.diodes.com june 2013 ? diodes incorporated 74hc138 electrical characteristics (@t a = +25c, unless otherwise specified.) symbol parameter test conditions v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max v ih high-level input voltage ? 2.0v 1.5 1.2 ? 1.5 ? 1.5 ? v ? 4.5v 3.15 2.4 ? 3.15 ? 3.15 ? ? 6.0v 4.2 3.2 ? 4.2 ? 4.2 ? v il low-level input voltage ? 2.0v ? 0.8 0.5 ? 0.5 ? 0.5 v ? 4.5v ? 2.1 1.35 ? 1.35 ? 1.35 ? 6.0v ? 2.8 1.8 ? 1.8 ? 1.8 v oh high-level output voltage i oh = -20 a all outputs 2.0v 1.9 2.0 ? 1.9 ? 1.9 ? v 4.5v 4.4 4.5 ? 4.4 ? 4.4 ? 6.0v 5.9 6.0 ? 5.9 ? 5.9 ? i oh = -4 ma 4.5v 3.98 4.32 ? 3.84 ? 3.7 ? i oh = -5.2 ma 6.0v 5.48 5.81 ? 5.34 ? 5.2 ? v ol low-level output voltage i ol = 20 a all outputs 2.0v ? 0 0.1 ? 0.1 ? 0.1 v 4.5v ? 0 0.1 ? 0.1 ? 0.1 6.0v ? 0 0.1 ? 0.1 ? 0.1 i ol = 4 ma 4.5v ? 0.15 0.26 ? 0.33 ? 0.4 i ol = 5.2 ma 6.0v ? 0.16 0.26 ? 0.33 ? 0.4 i i input current v i =gnd or 6.0v 6.0v ? ? 0.1 ? 1 ? 1 a i cc supply current v i = gnd or v cc i o = 0 6.0v ? ? 8.0 ? 80 ? 160 a c i input capacitance v i = v cc or gnd 6.0v ? 4 10 ? 10 ? 10 pf switching characteristics symbol / parameter pins test conditions v cc t a = +25c -40c to +85c -40c to +125c unit min typ max min max min max t plh, t plh propagation delay an to y n figure 1 2.0v ? 41 150 ? 190 ? 225 ns 4.5v ? 15 30 ? 38 ? 45 5.0v ? 12 ? ? ? ? ? 6.0v ? 12 26 ? 33 ? 38 e3 to y n figure 1 2.0v ? 47 150 ? 190 ? 225 4.5v ? 17 30 ? 38 ? 45 5.0v ? 14 ? ? ? ? ? 6.0v ? 14 26 ? 33 ? 38 e n to y n figure 1 2.0v ? 47 150 ? 190 ? 225 4.5v ? 17 30 ? 38 ? 45 5.0v ? 14 ? ? ? ? ? 6.0v ? 14 26 ? 33 ? 38 t tlh, t thl transition time y n figure 1 2.0v ? 19 75 ? 95 ? 110 ns 5.0v ? 7 15 ? 19 ? 22 6.0v ? 6 13 ? 16 ? 19
74hc138 document number: ds35488 rev.3 - 2 6 of 10 www.diodes.com june 2013 ? diodes incorporated 74hc138 operating characteristics (@t a = +25c, unless otherwise specified.) parameter test conditions v cc = 5v unit typ c pd power dissipation capacitance f = 1 mhz all outputs switching-no load 19 pf parameter measurement information vcc inputs v m c l v i t r /t f 2.0v -6.0v v cc 6 ns v cc /2 50pf 5.0v v cc 6 ns v cc /2 15pf used for 5v typical test voltage waveform pulse duration voltage waveform propagation delay times inverting and non inverting outputs notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10 mhz. c. inputs are measured separately one transition per measurement d. t plh and t phl are the same as t pd figure 1 load circuit and voltage waveforms
74hc138 document number: ds35488 rev.3 - 2 7 of 10 www.diodes.com june 2013 ? diodes incorporated 74hc138 ordering information part number package code packaging 7? tape and reel (note 6) quantity part number suffix 74HC138S16-13 s16 so-16 2500/tape & reel -13 74hc138t16-13 t16 tssop-16 2500/tape & reel -13 notes: 6. the taping orientation is locat ed on our website at http://www.d iodes.com/datasheets/ap02007.pdf marking information (1) so-16, tssop16 part number package 74hc138s16 so-16 74hc138t16 tssop-16
74hc138 document number: ds35488 rev.3 - 2 8 of 10 www.diodes.com june 2013 ? diodes incorporated 74hc138 package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. package type: so-16 package type: tssop-16 so-16 dim min max a 1.40 1.75 a1 0.10 0.25 a2 1.30 1.50 b 0.33 0.51 c 0.19 0.25 d 9.80 10.00 e 3.80 4.00 e 1.27 typ h 5.80 6.20 l 0.38 1.27 ? 0? 8 ? ? all dimensions in mm tssop-16 dim min max typ a - 1.08 - a1 0.05 0.15 - a2 0.80 0.93 - b 0.19 0.30 - c 0.09 0.20 - d 4.90 5.10 - e 6.40 bsc e1 4.30 4.50 - e 0.65 bsc l 0.45 0.75 - l1 1.00 ref l2 0.25 bsc r 0.09 - - r1 0.09 - - x - - 1.350 y - - 1.050 0 8 - 1 5 15 - 2 0 - - all dimensions in mm d e h l a2 b e a1 a c detail ?a? detail ?a? gauge plane ? pin 1 e b e e/2 e1 a2 a d a1 x y see detail 'a' seating plane gauge plane r l l1 l2 ?0.760depth0.0500.02 r1 ? ? ? ? x) ?? ? c detail 'a'
74hc138 document number: ds35488 rev.3 - 2 9 of 10 www.diodes.com june 2013 ? diodes incorporated 74hc138 suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. package type: so-16 package type: tssop-16 dimensions value (in mm) c 1.270 x 0.670 x1 9.560 y 1.450 y1 6.400 dimensions value (in mm) c 0.650 x 0.350 x1 4.900 y 1.400 y1 6.800 x1 x c y y1 pin 1 x1 y (16x) y1 x (16x) 1 c
74hc138 document number: ds35488 rev.3 - 2 10 of 10 www.diodes.com june 2013 ? diodes incorporated 74hc138 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes inco rporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose pr oducts are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any pr oducts purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or u nauthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, ex penses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into mu ltiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical comp onents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when pro perly used in accordance with in structions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arising out of the use of diodes incorporated products in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74HC138S16-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X